Part Number Hot Search : 
FG676 2SD20 SD103 3040P 585203 TS5201CS TD62601P 21200
Product Description
Full Text Search
 

To Download D12V0H1U2LP-7B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d12v0h1u2lp document number: ds36751 rev. 1 - 2 1 of 4 www.diodes.com april 2014 ? diodes incorporated d12v0h1u2lp advance information advanced information 1 channel unidirectional tvs product summary v br ( min ) i pp ( max ) c t ( t yp ) 12v 13a 80pf description this new generation tvs is designed to protect sensitive electronics from the damage due to esd. the combination of small size and high esd surge capability makes it ideal for use in portable applications such as cellular phones, digital cameras, and mp3 players. applications ? cellular handsets ? portable electronics ? computers and peripheral features ? low profile package (0.53mm max) and ultra-small pcb footprint area (1.08 * 0.68mm max) suitable for compact portable electronics ? provides esd protection per iec 61000-4-2 standard: air 15kv, contact 8kv ? 1 channel of esd protection ? low channel input capacitance ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) mechanical data ? case: x1-dfn1006-2 with sidewall plating ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: nipdau over copper leadframe. solderable per mil- std-202, method 208 ? weight: 0.001 grams (approximate) ordering information (note 4) product compliance marking reel size (inches) tape width (mm) quantity per reel D12V0H1U2LP-7B standard q2 7 8 10,000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information device schematic bottom view x1-dfn1006-2 pin 2 pin 1 q2 = product type marking code line denotes pin 1 or cathode side e4 q2
d12v0h1u2lp document number: ds36751 rev. 1 - 2 2 of 4 www.diodes.com april 2014 ? diodes incorporated d12v0h1u2lp advance information advanced information maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit conditions peak pulse power dissipation p pp 300 w 8/20s, per figure 3 peak pulse current i pp 13 a 8/20s, per figure 3 esd protection ? contact discharge v esd_contact 30 kv iec 61000-4-2 standard esd protection ? air discharge v esd_air 30 kv iec 61000-4-2 standard thermal characteristics characteristic symbol value unit package power dissipation (note 5) p d 250 mw thermal resistance, junction to ambient (note 5) r ja 500 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test conditions reverse working voltage v rwm ? ? 12.0 v ? reverse current (note 6) i r ? 2 50 na v r = v rwm = 12.0v reverse breakdown voltage v br 13.3 ? 15.75 v i r = 1ma reverse clamping voltage v cl ? ? 19 v i pp = 5a, t p = 8/20 s ? ? 23 i pp = 13a, t p = 8/20 s capacitance c t ? 80 95 pf v r = 0v, f = 1mhz notes: 5. device mounted on fr-4 pcb pad layout (2oz copper) as shown on diodes, inc. suggeste d pad layout ap02001, which can b e found on our website at http://www.diodes.com. 6. short duration pulse test used to minimize self-heating effect. 0125175 150 50 100 0 t , ambient temperature ( c) figure 1 power derating curve a p , p o we r dissi p ati o n (mw) d 25 100 50 75 150 25 75 125 250 175 note 5 200 225 0 50 25 50 75 100 125 150 p e a k p u lse d e r a t i n g % o f peak power or current t , ambient temperature (c) figure 2 pulse derating curve a 0 100 25 75 175 200
d12v0h1u2lp document number: ds36751 rev. 1 - 2 3 of 4 www.diodes.com april 2014 ? diodes incorporated d12v0h1u2lp advance information advanced information 0 t, time ( s) figure 3 typical 8 x 20s pulse waveform 20 40 60 100 50 0 i , peak pulse current (%i ) ppp p v , reverse voltage (v) r figure 4 typical capacitance c , t o t al c a p a c i t an c e (pf) t 0 20 40 60 80 100 0 5 10 15 f = 1mhz i , instantaneous forward current (ma) f v , instantaneous forward voltage (mv) f figure 5 typical forward characteristics 0.1 1 10 100 300 400 500 600 700 800 900 1000 1100 t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a i , leakage current (na) r v , reverse voltage (v) r figure 6 typical reverse characteristics 0.1 1 10 123456789101112 t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. x1-dfn1006-2 dim min max typ a 0.47 0.53 0.50 a1 0 0.05 0.03 b 0.45 0.55 0.50 d 0.95 1.075 1.00 e 0.55 0.675 0.60 e - - 0.40 l 0.20 0.30 0.25 r 0.05 0.15 0.10 all dimensions in mm l e b r e d a1 a
d12v0h1u2lp document number: ds36751 rev. 1 - 2 4 of 4 www.diodes.com april 2014 ? diodes incorporated d12v0h1u2lp advance information advanced information suggested pad layout please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com dimensions value (in mm) c 0.70 g 0.30 x 0.40 x1 1.10 y 0.70 x 1 y c x g


▲Up To Search▲   

 
Price & Availability of D12V0H1U2LP-7B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X